PART |
Description |
Maker |
AM29LV400BT55REC AM29LV400BT70EI AM29LV400BB55REC |
4 Mb (512K x 8, 256K x 16) Boot Sector, Flash Memory 256K X 16 FLASH 3V PROM, 55 ns, PDSO48 IC,FLASH,4MBIT,CMOS,256KX8 256K X 16 FLASH 3V PROM, 70 ns, PDSO48
|
Advanced Micro Devices, Inc.
|
M28W231-120N1TR M28W231-120N6TR M28W231-180N5TR M2 |
256K X 8 FLASH 12V PROM, 120 ns, PDSO40 10 X 20 MM, TSOP-40 256K X 8 FLASH 12V PROM, 180 ns, PDSO40 10 X 20 MM, TSOP-40 256K X 8 FLASH 12V PROM, 150 ns, PDSO40 10 X 20 MM, TSOP-40 256K X 8 FLASH 12V PROM, 100 ns, PDSO40 10 X 20 MM, TSOP-40
|
ST Microelectronics
|
AT29C020-10TCT/R AT29C020-12TIT/R |
256K X 8 FLASH 5V PROM, 100 ns, PDSO32 256K X 8 FLASH 5V PROM, 120 ns, PDSO32
|
ATMEL CORP
|
AT49BV4096 AT49BV4096-15RC AT49BV4096-15RI AT49BV4 |
4-Megabit 256K x 16 3-volt Only CMOS Flash Memory 256K X 16 FLASH 5V PROM, 200 ns, PDSO48 4-Megabit 256K x 16 3-volt Only CMOS Flash Memory 256K X 16 FLASH 5V PROM, 120 ns, PDSO44 4-Megabit 256K x 16 3-volt Only CMOS Flash Memory 256K X 16 FLASH 5V PROM, 150 ns, PDSO44
|
Atmel, Corp. ATMEL[ATMEL Corporation]
|
IS28LV020-90T IS28LV020-90W |
256K X 8 FLASH 12V PROM, 90 ns, PDSO32 TSOP-32 256K X 8 FLASH 12V PROM, 90 ns, PDIP32 0.600 INCH, PLASTIC, DIP-32
|
Integrated Silicon Solution, Inc.
|
E28F004BVT80 E28F004BVB80 E28F004BVT60 E28F004BVT1 |
4-MBIT (256K X 16/ 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 4-MBIT (256K X 16. 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY Dual-Slot, PCMCIA Analog Power Controller Evaluation Kit for the MAX5943A/B/C/D/E 4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 256K X 16 FLASH 5V PROM, PDSO48 4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 256K X 16 FLASH 5V PROM, PDSO56
|
Intel Corporation Intel Corp. Intel, Corp.
|
AT49BV002A-70VI AT49BV002AT-70JI AT49BV002AT-70JU |
70NS, VSOP, IND TEMP(FLASH) 256K X 8 FLASH 2.7V PROM, 70 ns, PDSO32 70NS, PLCC, IND TEMP(FLASH) 256K X 8 FLASH 2.7V PROM, 70 ns, PQCC32 70NS, PLCC, IND TEMP, GREEN(FLASH) 256K X 8 FLASH 2.7V PROM, 70 ns, PQCC32 70NS, TSOP, IND TEMP(FLASH) 256K X 8 FLASH 2.7V PROM, 70 ns, PDSO32 70NS, VSOP, IND TEMP, ROHS-A(FLASH)
|
Atmel, Corp. ATMEL CORP
|
AT49F2048A AT49F2048A-70RC AT49F2048A-70RI AT49F20 |
2M bit, 5-Volt Read and 5-Volt Write Flash, Bottom Boot From old datasheet system 2-megabit 256K x 8/ 128K x 16 5-volt Only CMOS Flash Memory 128K X 16 FLASH 5V PROM, 90 ns, PDSO44 2-megabit 256K x 8/ 128K x 16 5-volt Only CMOS Flash Memory 128K X 16 FLASH 5V PROM, 90 ns, PDSO48
|
ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|
AM29LV002T-150EC AM29LV002T-150FC AM29LV002T-100EI |
2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory 256K X 8 FLASH 3V PROM, 150 ns, PDSO40 2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory 256K X 8 FLASH 3V PROM, 100 ns, PDSO40
|
Advanced Micro Devices, Inc.
|
AM28F020A AM28F020A-120FCB AM28F020A-150FCB AM28F0 |
RES 562-OHM 1% 0.125W 100PPM THK-FILM SMD-0805 TR-7-PA 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 256K X 8 FLASH 12V PROM, 90 ns, PDIP32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 256K X 8 FLASH 12V PROM, 90 ns, PDSO32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 2兆位56亩8位)的CMOS 12.0伏,整体擦除闪存的嵌入式记忆算法 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 2兆位256亩8位)CMOS 12.0伏,整体擦除闪存的嵌入式记忆算法 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 2兆位256亩8位)的CMOS 12.0伏,整体擦除闪存的嵌入式记忆算法 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 256K X 8 FLASH 12V PROM, 70 ns, PDSO32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 256K X 8 FLASH 12V PROM, 150 ns, PQCC32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 256K X 8 FLASH 12V PROM, 200 ns, PQCC32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 256K X 8 FLASH 12V PROM, 120 ns, PDIP32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 256K X 8 FLASH 12V PROM, 200 ns, PDSO32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 256K X 8 FLASH 12V PROM, 120 ns, PDSO32
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
SST37VF010 SST37VF010-70-3C-NH SST37VF010-70-3C-PH |
-bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 128K X 8 FLASH 2.7V PROM, 70 ns, PQCC32 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 256K X 8 FLASH 2.7V PROM, 90 ns, PDIP32 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 64K X 8 FLASH 2.7V PROM, 90 ns, PDSO32 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 256K X 8 FLASH 2.7V PROM, 70 ns, PDSO32 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 512K X 8 FLASH 2.7V PROM, 90 ns, PQCC32 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 256K X 8 FLASH 2.7V PROM, 90 ns, PDSO32 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 64K X 8 FLASH 2.7V PROM, 90 ns, PQCC32 DIODE ZENER SINGLE 300 - 350mW 47Vz 2mA-Izt 0.0638 0.1uA-Ir 32.9 SOT-23 3K/REEL 128K X 8 FLASH 2.7V PROM, 90 ns, PQCC32 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 128K X 8 FLASH 2.7V PROM, 70 ns, PDSO32 DIODE ZENER SINGLE 300 - 350mW 43Vz 2mA-Izt 0.0698 0.1uA-Ir 30.1 SOT-23 3K/REEL DIODE ZENER SINGLE 300mW 4.3Vz 5mA-Izt 0.0698 3uA-Ir 1 SOT-23 3K/REEL 512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Many-Time Programmable Flash
|
SILICON STORAGE TECHNOLOGY INC Silicon Storage Technology, Inc. SST[Silicon Storage Technology, Inc]
|
AS29LV002B-120T1C AS29LV002B-120PC |
256K X 8 FLASH 2.7V PROM, 120 ns, PDSO32 256K X 8 FLASH 2.7V PROM, 120 ns, PDIP32
|
ALLIANCE SEMICONDUCTOR CORP
|
|